PART |
Description |
Maker |
1344196 |
Tinned copper conductor, semi-rigid PVC insulation
|
List of Unclassifed Man...
|
9985010100 9985013100 99850131000 |
Tinned copper conductor, semi-rigid PVC insulation (solid conductors suitable for wire wrap applications).
|
List of Unclassifed Man...
|
1344169 8899009100 88990021000 8899002U1000 889900 |
Tinned copper conductor, rubber insulated.
|
List of Unclassifed Man...
|
98990021000 9899005500 9899009500 9899010100 98990 |
Tinned copper conductor, PVC insulation
|
List of Unclassifed Man...
|
PE-SR405TN-STRAIGHT |
RG405 Tinned Coax Cable with Tinned Copper Outer Conductor
|
Pasternack Enterprises,...
|
1682728 |
RG-58A/U type, 20 AWG stranded (19x33) .035 tinned copper conductor
|
List of Unclassifed Man...
|
8778060250 8778060500 87780601000 |
CM Rated Cable 22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
9913 |
RG-8/U type, 10 AWG solid .108 bare copper conductor, semi-solid polyethylene insulation
|
List of Unclassifed Man...
|
M48T212Y-85MH6 M48T212Y-85MH1TR M48T212Y-70MH1 M48 |
Shielded Multiconductor Cable; Number of Conductors:7; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:7; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Temperature Max:80 C RoHS Compliant: Yes 5V/3.3V TIMEKEEPER[ CONTROLLER 5V/3.3V计时[控制
|
意法半导 STMicroelectronics N.V.
|